Part Number Hot Search : 
146463 BAT54CDW C4430 60PVL1 MC3326 MC3326 OM5610 0603Y1
Product Description
Full Text Search
 

To Download STGB14NC60K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2006 rev 1 1/16 16 STGB14NC60K stgd14nc60k n-channel 14a - 600v -dpak - d 2 pa k short circuit rated powermesh? igbt general features low on-voltage drop (vcesat) low c res / c ies ratio ( no cross conduction susceptibility) short circuit withstand time 10s description using the latest high voltage technology based on a patented strip layout, stmicroelectronics has designed an advanced family of igbts, the power mesh? igbts, with outstanding performances. the suffix ?k? identifies a family optimized for high frequency motor control applications with short circuit withstand capability. applications high frequency inverters motor drivers with short circuit protection internal schematic diagram type v ces v ce(sat) (max)@ 25c i c @100c STGB14NC60K 600v <2.5v 14a stgd14nc60k 600v <2.5v 14a 1 3 1 3 d2pak dpak www.st.com order codes part number marking package packaging STGB14NC60Kt4 gb14nc60k d2pak tape & reel stgd14nc60kt4 gd14nc60k dpak tape & reel
contents STGB14NC60K - stgd14nc60k 2/16 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
STGB14NC60K - stgd14nc60k electrical ratings 3/16 1 electrical ratings table 1. absolute maximum ratings symbol parameter value unit v ces collector-emitter voltage (v gs = 0) 600 v i c (1) 1. calculated according to the iterative formula: collector current (continuous) at t c = 25c 25 a i c (1) collector current (continuous) at t c = 100c 14 a i cl (2) 2. v clamp = 480v, tj =150c, r g = 10 ? , v ge = 15v collector current (pulsed) 50 a v ge gate-emitter voltage 20 v p tot total dissipation at t c = 25c 80 w t scw short circuit withstand time, v ce = 0.5v br(ces) , tj = 125c, r g = 10 ?, v ge = 12v 10 s t stg storage temperature ? 55 to 150 c t j operating junction temperature table 2. thermal resistance symbol parameter value unit r thj-case thermal resistance junction-case max 1.25 c/w r thj-amb thermal resistance juncti on-ambient max 62.5 c/w i c t c () t jmax t c ? r thj c ? v cesat max () t c i c , () ------------------------------------------------------------------------------------------------------ =
electrical characteristics STGB14NC60K - stgd14nc60k 4/16 2 electrical characteristics (t case =25c unless otherwise specified) table 3. static symbol parameter test cond ictions min. typ. max. unit v br(ces) collector-emitter breakdown voltage i c = 1ma, v ge = 0 600 v i ges gate-emitter leakage current (v ce = 0) v ge = 20v , v ce = 0 100 na i ces collector cut-off current (v ge = 0) v ce = max rating, t c = 25c v ce = max rating, t c = 125c 150 1 a ma v ge(th) gate threshold voltage v ce = v ge , i c = 250a 4.5 6.5 v v ce(sat) collector-emitter saturation voltage v ge = 15v, i c = 7a v ge = 15v, i c = 7a, tc= 125c 2.0 1.8 2.5 v v g fs (1) 1. pulsed: pulse duration = 300 s, duty cycle 1.5% forward transconductance v ce = 15v , i c = 7a 3 s table 4. dynamic symbol parameter test cond ictions min. typ. max. unit c ies c oes c res input capacitance output capacitance reverse transfer capacitance v ce = 25v, f = 1 mhz, v ge = 0 760 86 15.5 pf pf pf q g q ge q gc total gate charge gate-emitter charge gate-collector charge v ce = 390v, i c = 7a, v ge = 15v (see figure 17) 34.4 8.1 16.4 nc nc nc
STGB14NC60K - stgd14nc60k electrical characteristics 5/16 table 5. switching on/off (inductive load) symbol parameter test condictions min. typ. max. unit t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390v, i c = 7a r g =10 ? , v ge = 15v, tj= 25c (see figure 16) 22.5 8.5 700 ns ns a/s t d(on) t r (di/dt) on turn-on delay time current rise time turn-on current slope v cc = 390v, i c = 7a r g =10 ? , v ge = 15v, tj= 125c (see figure 16) 22 9.5 680 ns ns a/s t r (v off ) t d ( off ) t f off voltage rise time turn-off delay time current fall time v cc = 390v, i c = 7a, r ge = 10 ? , v ge = 15v t j = 25c (see figure 16) 60 116 75 ns ns ns t r (v off ) t d ( off ) t f off voltage rise time turn-off delay time current fall time v cc = 390v, i c = 7a, r ge = 10 ? , v ge = 15v tj = 125c (see figure 16) 24 196 144 ns ns ns table 6. switching energy (inductive load) symbol parameter test condictions min typ. max unit eon (1) e off (2) e ts 1. eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. if the igbt is offered in a package with a co-pack diode, the co-pack diode is used as external diode. igbts & diode are at the same temperature (25c and 125c) 2. turn-off losses include also the tail of the collector current. turn-on switching losses turn-off switching losses total switching losses v cc = 390v, i c = 7a r g =10 ? , v ge = 15v, tj= 25c (see figure 16) 82 155 237 j j j eon (1) e off (2) e ts turn-on switching losses turn-off switching losses total switching losses v cc = 390v, i c = 7a r g =10 ? , v ge = 15v, tj= 125c (see figure 16) 131 370 501 j j j
electrical characteristics STGB14NC60K - stgd14nc60k 6/16 2.1 electrical characteristi cs (curves) figure 1. output characterisics figure 2. transfer characteristics figure 3. transconductance figure 4. collector-emitter on voltage vs temperature figure 5. collector-emitter on voltage vs collector current figure 6. normalized gate threshold vs temperature
STGB14NC60K - stgd14nc60k electrical characteristics 7/16 figure 7. normalized breakdown voltage vs temperature figure 8. gate charge vs gate-emitter voltage figure 9. capacitance variations figure 10. switching losses vs temperature figure 11. switching losses vs gate resistance figure 12. switching losses vs collector current
electrical characteristics STGB14NC60K - stgd14nc60k 8/16 figure 13. thermal impedance figure 14. turn-off soa figure 15. thermal impedance for d2pak
STGB14NC60K - stgd14nc60k test circuit 9/16 3 test circuit figure 16. test circuit for inductive load switching figure 17. gate charge test circuit figure 18. switching waveforms figure 19. diode recovery times waveform
package mechanical data STGB14NC60K - stgd14nc60k 10/16 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com
STGB14NC60K - stgd14nc60k package mechanical data 11/16 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
package mechanical data STGB14NC60K - stgd14nc60k 12/16 dim. mm. inch min. typ max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.9 0.025 0.035 b4 5.2 5.4 0.204 0.212 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 d1 5.1 0.200 e 6.4 6.6 0.252 0.260 e1 4.7 0.185 e 2.28 0.090 e1 4.4 4.6 0.173 0.181 h 9.35 10.1 0.368 0.397 l 1 0.039 (l1) 2.8 0.110 l2 0.8 0.031 l4 0.6 1 0.023 0.039 r 0.2 0.008 v2 0 8 0 8 dpak mechanical data 0068772-f
STGB14NC60K - stgd14nc60k packaging mechanical data 13/16 5 packaging mechanical data tape and reel shipment dpak footprint dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 16.4 18.4 0.645 0.724 n 50 1.968 t 22.4 0.881 base qty bulk qty 2500 2500 reel mechanical data dim. mm inch min. max. min. max. a0 6.8 7 0.267 0.275 b0 10.4 10.6 0.409 0.417 b1 12.1 0.476 d 1.5 1.6 0.059 0.063 d1 1.5 0.059 e 1.65 1.85 0.065 0.073 f 7.4 7.6 0.291 0.299 k0 2.55 2.75 0.100 0.108 p0 3.9 4.1 0.153 0.161 p1 7.9 8.1 0.311 0.319 p2 1.9 2.1 0.075 0.082 r 40 1.574 w 15.7 16.3 0.618 0.641 tape mechanical data all dimensions are in millimeters
packaging mechanical data STGB14NC60K - stgd14nc60k 14/16 tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
STGB14NC60K - stgd14nc60k revision history 15/16 6 revision history table 7. revision history date revision changes 12-jul-2006 1 new release
STGB14NC60K - stgd14nc60k 16/16 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2006 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STGB14NC60K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X